Part Number Hot Search : 
CXP82220 2SD121 DTA114 29F40 30GWJ2 LM853 9412A PAL280
Product Description
Full Text Search
 

To Download P6SMBJ54-LFR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  p6smbj5.0-lfr thru p6smbj188a-lfr page: 1 frontier electronics corp. 667 e. cochran street, simi valley, ca 93065 tel: (805) 522-9998 fax: (805) 522-9989 e-mail: frontiersales@frontierusa.com web: http://www.frontierusa.com 600w surface mount transient voltage suppressor p6smbj5.0-lfr thru p6smbj188a-lfr features z optimized for lan protection application z ideal for esd protection of data lines in accordance with iec 1000-4-2(iec801-2) z ideal for eft protection of data line in accordance with iec 1000-4-4(iec801-4) z excellent clamping capability z low incremental surge resistance z fast response time: typically less than 1.0 ps from 0 volts to v(br) min z 600 w peak pulse power capability with a 10/1000 s waveform , repetition rate (duty cycle):0.01% z typical i d less than 1 a above 10v z high temperature soldering guaranteed: 250 c/10 seconds at terminal z rohs mechanical data z case: molded plastic, do-214aa(smb), di mensions in inches and (millimeters) z terminals: solder plated z polarity: indicated by cathode band z weight: 0.093 grams maximum ratings and electrical c haracteristics ratings at 25 c ambient temperature unless otherwise specified ratings symbol value units peak pulse power dissipation on 10/1000 s waveform (note 1, fig. 1) p ppm minimum 600 watts peak pulse current of 0n 10/1000 s waveform (note 1,fig. 3) i ppm see table 1 a steady state power dissipation at t l =75 c (note 2) p m(av) 1.0 watts peak forward surge current, 8.3ms single half sine-wave superimposed on rated load, unidirectional only(note 2) i fsm 100 a maximum instantaneous forwar d voltage at 25.0a for unidirectional only (note 3 & 4) vf see note 4 v operating junction and stor age temperature range t j, t stg - 55 to + 150 c note : 1.non-repetitive current pulse, per fig.3 and derated above ta=25 c per fig 2. 2. mounted on 5mm 2 copper pads to each terminal 3. measured on 8.3ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum 4. vf=3.5v on p6smbj5.0 thru p6smbj90a de vices and vf=5.0v on p6smbj100 thru p6smbj188a .060(1.52) .030(0.76) .220(5.59) .205(5.21) .096(2.44) .084(2.13) .180(4.57) .160(4.06) .155(3.94) .130(3.30) .086(2.20) .077(1.96) cathode
p6smbj5.0-lfr thru p6smbj188a-lfr page: 2 device marking code breakdown voltage v (br) (volts) at i t device uni bi working peak reverse voltage v rwm (volts) @it (ma) min max test current i t (ma) maximum clamping voltage at i ppm vc(volts) (note 5) max peak pulse surge current i ppm (note 5) (amps) maximum reverse leakage at v wm i d ( a) p6smbj5.0-lfr p6smbj5.0a-lfr p6smbj6.0-lfr p6smbj6.0a-lfr p6smbj6.5-lfr p6smbj6.5a-lfr p6smbj7.0-lfr p6smbj7.0a-lfr p6smbj7.5-lfr p6smbj7.5a-lfr p6smbj8.0-lfr p6smbj8.0a-lfr p6smbj8.5-lfr p6smbj8.5a-lfr p6smbj9.0-lfr p6smbj9.0a-lfr p6smbj10-lfr p6smbj10a-lfr p6smbj11-lfr p6smbj11a-lfr p6smbj12-lfr p6smbj12a-lfr p6smbj13-lfr p6smbj13a-lfr p6smbj14-lfr p6smbj14a-lfr p6smbj15-lfr p6smbj15a-lfr p6smbj16-lfr p6smbj16a-lfr p6smbj17-lfr p6smbj17a-lfr p6smbj18-lfr p6smbj18a-lfr p6smbj20-lfr p6smbj20a-lfr p6smbj22-lfr p6smbj22a-lfr p6smbj24-lfr p6smbj24a-lfr p6smbj26-lfr p6smbj26a-lfr p6smbj28-lfr p6smbj28a-lfr p6smbj30-lfr p6smbj30a-lfr p6smbj33-lfr p6smbj33a-lfr p6smbj36-lfr p6smbj36a-lfr p6smbj40-lfr p6smbj40a-lfr p6smbj43-lfr p6smbj43a-lfr p6smbj45-lfr p6smbj45a-lfr p6smbj48-lfr p6smbj48a-lfr kd ke kf kg kh kk kl km kn kp kq kr ks kt ku kv kw kx ky kz ld le lf lg lh lk ll lm ln lp lq lr ls lt lu lv lw lx ly lz md me mf mg mh mk ml mm mn mp mq mr ms mt mu mv mw mx ad ae af ag ah ak al am an ap aq ar as at au av aw ax ay az bd be bf bg bh bk bl bm bn bp bq br bs bt bu bv bw bx by bz cd ce cf cg ch ck cl cm cn cp cq cr cs ct cu cv cw cx 5.0 5.0 6.0 6.0 6.5 6.5 7.0 7.0 7.5 7.5 8.0 8.0 8.5 8.5 9.0 9.0 10.0 10.0 11.0 11.0 12.0 12.0 13.0 13.0 14.0 14.0 15.0 15.0 16.0 16.0 17.0 17.0 18.0 18.0 20.0 20.0 22.0 22.0 24.0 24.0 26.0 26.0 28.0 28.0 30.0 30.0 33.0 33.0 36.0 36.0 40.0 40.0 43.0 43.0 45.0 45 48 48 6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.0 10.0 11.1 11.1 12.2 12.2 13.3 13.3 14.4 14.4 15.6 15.6 16.7 16.7 17.8 17.8 18.9 18.9 20.0 20.0 22.2 22.2 24.4 24.4 26.7 26.7 28.9 28.9 31.1 31.1 33.3 33.3 36.7 36.7 40.0 40.0 44.4 44.4 47.8 47.8 50.0 50.0 53.3 53.3 7.82 7.07 8.15 7.37 8.82 7.98 9.51 8.60 10.2 9.21 10.9 9.83 11.5 10.4 12.2 11.1 13.6 12.3 14.9 13.5 16.3 14.7 17.6 15.9 19.1 17.2 20.4 18.5 21.8 19.7 23.1 20.9 24.4 22.1 27.1 24.5 29.8 26.9 32.6 29.5 35.3 31.9 38.0 34.4 40.7 36.8 44.9 40.6 48.9 44.2 54.3 49.1 58.4 52.8 61.1 55.3 65.1 58.9 10 10 10 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1 50.0 45.4 53.5 48.4 59.0 53.3 64.3 58.1 71.4 64.5 76.7 69.4 80.3 72.7 85.5 77.4 62.5 65.2 52.6 58.3 48.8 53.6 45.1 50.0 42.0 46.5 40.0 44.1 37.7 41.7 35.5 39.0 31.9 35.3 29.9 33.0 27.3 30.2 25.2 27.9 23.3 25.9 22.3 24.6 20.8 23.1 19.7 21.7 18.6 20.5 16.8 18.5 15.2 16.9 14.0 15.4 12.9 14.3 12.0 13.2 11.2 12.4 10.2 11.3 9.3 10.3 8.4 9.3 7.8 8.6 7.5 8.3 7.0 7.8 800 800 800 800 500 500 200 200 100 100 50.0 50.0 10.0 10.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
p6smbj5.0-lfr thru p6smbj188a-lfr page: 3 device marking code breakdown voltage v (br) (volts) at i t device uni bi working peak reverse voltage v rwm (volts) @it (ma) min max test current i t (ma) maximum clamping voltage at i ppm vc(volts) (note 5) max peak pulse surge current i ppm (note 5) (amps) maximum reverse leakage at v wm i d ( a) p6smbj5-lfr p6smbj51a-lfr P6SMBJ54-LFR p6smbj54a-lfr p6smbj58-lfr p6smbj58a-lfr p6smbj60-lfr p6smbj60a-lfr p6smbj64-lfr p6smbj64a-lfr p6smbj70-lfr p6smbj70a-lfr p6smbj75-lfr p6smbj75a-lfr p6smbj78-lfr p6smbj78a-lfr p6smbj85-lfr p6smbj85a-lfr p6smbj90-lfr p6smbj90a-lfr p6smbj100-lfr p6smbj100a-lf r p6smbj110-lfr p6smbj110a-lf r p6smbj120-lfr p6smbj120a-lf r p6smbj130-lfr p6smbj130a-lf r p6smbj150-lfr p6smbj150a-lf r p6smbj160-lfr p6smbj160a-lf r p6smbj170-lfr p6smbj170a-lf r p6smbj188-lfr p6smbj188a-lf r my mz nd ne nf ng nh nk nl nm nn np nq nr ns nt nu nv nw nx ny nz pd pe pf pg ph pk pl pm pn pp pq pr pt ps cy cz dd de df dg dh dk dl dm dn dp dq dr ds dt du dv dw dx dy dz ed ee ef eg eh ek el em en ep eq er pt ps 51 51 54 54 58 58 60 60 64 64 70 70 75 75 78 78 85 85 90 90 100 100 110 110 120 120 130 130 150 150 160 160 170 170 188 188 56.7 56.7 60.0 60.0 64.4 64.4 66.7 66.7 71.1 71.1 77.8 77.8 83.3 83.3 86.7 86.7 94.4 94.4 100 100 111 111 122 122 133 133 144 144 167 167 178 178 189 189 209 209 69.3 62.7 73.3 66.3 78.7 71.2 81.5 73.7 86.9 78.6 95.1 86.0 102.0 92.1 106.0 95.8 115.0 104.0 122.0 111.0 136.0 123.0 149.0 135.0 163.0 147.0 176.0 159.0 204.0 185.0 218.0 197.0 231.0 209.0 255.0 231.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 91.1 82.4 96.3 87.1 103.0 93.6 107.0 96.8 114.0 103.0 125.0 113.0 134.0 121.0 139.0 126.0 151.0 137.0 160.0 146.0 179.0 162.0 196.0 177.0 214.0 193.0 231.0 209.0 268.0 243.0 287.0 259.0 304.0 275.0 344.0 328.0 6.6 7.3 6.2 6.9 5.8 6.4 5.6 6.2 5.3 5.8 4.8 5.3 4.5 5.0 4.3 4.8 4.0 4.4 3.8 4.1 3.4 3.7 3.1 3.4 2.8 3.1 2.6 2.9 2.2 2.5 2.1 2.3 2.0 2.2 1.7 2.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 note: 1. vf=3.5v on p6smbj5.0 thru 90a devices and vf=5.0v on p6smbj100 thru 188a devices at if=25a on ? square or equivalent sine wave. pw = 8.3ms , duty cycle = 4 pulses per minute maximum 2. for bipolar types with vr of 10 volts and under , the ir limit is doubled 3. mounted on 5.0mm 2 copper pads to each terminal. 4. for bidirectional use c suffix for 10 tolerance , ca suffix for 5 tolerance
p6smbj5.0-lfr thru p6smbj188a-lfr page: 4 ratings and characteristic curves p6smbj5.0-lfr thru p6smbj188a-lfr fig.3 - pulse waveform 150 100 50 0 i ppm, peak pulse current, % 0 1.0 2.0 3.0 4.0 t, time, ms pulse width (td) is defined as the point where the peak current decays to 50% of i pp tr =10usec. peak value i ppm half value ipp 2 10/1000usec. waveform as defined by r.e.a. td fig. 6 - maximum non-repetitive forward surge current unidirectional 200 100 10 i fsm, peak forward surge current amperes 1 10 100 number of cycles at 60h z fig. 4 - typical junction capacitance un idire c ti on al 6.000 1.000 100 10 c j ., junction capacitance, p f 1 10 100 200 v (br) , breakdown voltage, volts measured at stand-off voltage, v wm measured at zero bias t j =25 f=1 mh z vsig=50mvp-p fig. 5 - typical junction capacitance bidirectional 6.000 1.000 100 10 c j ., junction capacitance, p f t a =25 1 10 100 200 v (br) , breakdown voltage, volts measured at stand-off voltage, v wm measured at zero bias t j =25 f=1 mh z vsig=50mvp-p fig. 1 - peak pulse power rating curve 100 10 1.0 0.1 p ppm peak pulse power, kw 0.1us 1.0us 10us 100us 1.0ms 10ms td, pulse width, sec. non-repetitive pulse waveform shown in fig. 3 t a =25 mounted on 5mm5mm copper pads fig. 2 - pulse derating curve 100 75 50 25 0 peak pulse power (p pp ) or current (i pp ) derating in percentage, % 0 25 50 75 100 125 150 175 200 t a , ambient temperature, mounted on 5mm5mm copper pads


▲Up To Search▲   

 
Price & Availability of P6SMBJ54-LFR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X